Part Number Hot Search : 
20EB1 KIA7809 TEGRA AD561SD 15108S C74LVX GI818 70252
Product Description
Full Text Search
 

To Download OIP101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 photosensors OIP101 ? electronic components OIP101 open collector output photodetector general description the OIP101 is an open collector output photodetector that incorporates a photodiode, amplifier circuit, schmitt-trigger circuit and a voltage regurator circuit on to a single chip. features ? wide operating supply voltage range: v cc =3.4 to 6.5 v ? allows wave shaping output (on-chip schmitt-trigger circuit) ? high noise resistance (on-chip schmitt-trigger circuit) applications ? fax, printer, copying machine (paper timing position detection) ? encoder ? automatic vending machine ? optoelectric switch pin configuration (unit: mm) e2p0032-37-x3 f 5.50.3 f 4.60.1 2.54 1.0 1.0 45 3 2 f 0.45 1: vout 2: v cc 3: gnd 1 3 2 1 ? pin connection diagram 6.6 max. 13.51 4.5 this version: jan. 1998 previous version: may. 1997
2/5 photosensors OIP101 absolute maximum ratings recommended operating conditions electrical and optical characteristics supply voltage output terminal applied voltage low level output current parameter symbol rating unit v cc i ol v o C0.3 to +7.0 10.0 C0.3 to +10.0 v ma v storage temperature C40 to +135 c t stg test condition ta=25c parameter operating supply voltage operating temperature symbol rating unit v cc t opr 3.4 to 6.5 C30 to +130 v c low level output voltage high level supply current low level supply current output leak current parameter symbol test condition unit v ol i lk i ccl i cch i ol =6 ma, e=0 r x v o =6.5 v, e=250 r x * e=0 r x mv m a ma ma (ambient temperature ta=25c, v cc =5v) min. typ. max. 80.0 2.7 2.0 350.0 10.0 6.0 6.0 e lh r x 30 40 50 l ? h threshold illuminance * e=250 r x * e hl r x 28 h ? l threshold illuminance * 0.7 hysteresis e hl /e lh t plh m s 3 9 h ? l propagation delay time t phl m s 210 l ? h propagation delay time t r ns 150 rise time t f ns 50 fall time l p nm 850 peak sensitivity wavelength e=200 r x * r l =1 k w * standard illuminant a
3/5 photosensors OIP101 typical characteristics ? directional characteristics directional angle (deg) relative sensitivity (%) 100 50 C30 C20 C10 0 10 20 30 ? spectral sensitivity (ta=25 c) wavelength l (nm) relative sensitivity 1.0 0.8 0.6 0.4 0.2 0 500 600 700 800 900 1000 ? rise time, fall time vs. load resistance (ta=25 c) 0.1 1.0 10 0.2 0.5 2 5 0 0.5 1.0 v cc =5 v t r t f rise time, fall time t r , t f ( m s) load resistance r l (k w ) ? low level output voltage vs. low level output current (ta=25 c) low level output current i ol (ma) low level output voltage v ol (mv) v cc =5 v 200 100 0 0510
4/5 photosensors OIP101 ? low level output voltage vs. ambient temperature ? supply current vs. ambient temperature ? relative threshold illuminance vs. ambient temperature ? propagation delay time vs. illuminance (ta=25 c) set e lh to 1 when ta=25c and v cc =5 v relative threshold illuminance e lh , e hl ambient temperature ta ( c ) e lh e hl 1.0 0.5 0 C50 0 50 100 150 ambient temperature ta (c) i ol =6 ma i ol =1 ma v cc =5 v low level output voltage v ol (mv) 100 50 0 C30 0 50 100 130 supply current i ccl , i cch (ma) ambient temperature ta (c) v cc =5 v i cch (e=250 r x) i ccl i ccl (e=0 r x ) i cch 3 2 1 C50 0 50 100 150 propagation delay time ( m s) illuminance ( r x ) v cc =5 v r l =1 k w t phl t plh 3 2 1 0 50 100 150 200
5/5 photosensors OIP101 ? response time measuring circuit ? relative threshold illuminance vs. supply voltage (ta=25 c) t plh t phl 50% 90% 50% 10% v out v cc gnd input output regulator t r t f r l relative threshold illuminance e lh , e hl supply voltage v cc (v) set e lh to 1 when v cc =5 v e lh e hl 1.0 0.8 0.6 0.4 0.2 0 34567


▲Up To Search▲   

 
Price & Availability of OIP101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X